Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SB12040NRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # Q48SB12040NRFA
Description  Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB12040NRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button Q48SB12040NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48SB12040NRFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 16: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. The module’s maximum hot spot temperature is
124℃. To enhance system reliability, the power module
should always be operated below the maximum operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 17: Hot spot temperature measured point
*The allowed maximum hot spot temperature is defined at 124
Q48SB9R650(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation, From Pin 4 to Pin 7, Preliminary Derating Curve)
0
5
10
15
20
25
30
35
40
45
50
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
200LFM
300LFM
100LFM
400LFM
Figure 18: Output current vs. ambient temperature and air
velocity@ Vin=48V(Transverse orientation, from pin 4 to pin 7,
preliminary derating curve, without heatspreader)
TBD
Figure 19: Output current vs. ambient temperature and air
velocity@ Vin=48V(Transverse Orientation, with heat spreader)
DS_Q48SB9R650_07102006
9


Similar Part No. - Q48SB12040NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB12020NRFA DELTA-Q48SB12020NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB12025NRFA DELTA-Q48SB12025NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
More results

Similar Description - Q48SB12040NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com