Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SB9R650PRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # Q48SB9R650PRFA
Description  Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB9R650PRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  Q48SB9R650PRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB9R650PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SB9R650NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
57
Vdc
Operating Temperature
Refer to Fig.17 for the measuring point
-40
124
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
57
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34
35.5
Vdc
Turn-Off Voltage Threshold
30.5
32
33.5
Vdc
Lockout Hysteresis Voltage
2
Vdc
Input Over-Voltage Lockout
Turn-Off Voltage Threshold
59
60.5
62
Vdc
Turn-On Voltage Threshold
57
58.5
60
Vdc
Lockout Hysteresis Voltage
2
Vdc
Maximum Input Current
100% Load, 38V Vin
13.5
A
No-Load Input Current
80
200
mA
Off Converter Input Current
12
15
mA
Inrush Current(I
2t)
With 100uF external input capacitor
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
40
mA
Internal input filter component value
L/C
0.47/4.4
uH/uF
Recommend external input capacitor for system stability
Capacitance
47
100
uF
ESR
100KHz -40oC to 100oC
0.1
0.2
ohm
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=no load, Ta=25°C
9.6
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
400
600
mV
Over Line
Vin=38V to 55V
3.8
V
Over Temperature
Tc=-40°C to 100°C
400
mV
Total Output Voltage Range
over sample load, line and temperature
6.8
11.5
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
80
120
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
25
50
mV
Operating Output Power Range
38V<Vin≤42V
0
480
W
42V<Vin≤55V
0
500
W
Output DC Powert-Limit Inception
output voltage 10% lower
38V≤Vin≤55V
120%
130%
W
Current share accuracy (2 units in parallel)
% of rated output current
10
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
300
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
300
mV
Settling Time (within 1% Vout nominal)
200
us
Turn-On Transient
Start-Up Time, From On/Off Control
35
ms
Start-Up Time, From Input
35
ms
Maximum Output Capacitance
Single module operation
Start up with 20A Load
10000
µF
Single module operation
Start up with 55A Load
5000
µF
2 pcs Parallel module operation
Start up with 20A Load
10000
µF
2 pcs Parallel module operation
Start up with 110A Load
8000
µF
EFFICIENCY
55A
95.4
96.4
%
50A
95.8
96.8
%
33A
95.8
96.8
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
130
kHz
ON/OFF Control for single module operation
Negative Remote On/Off logic
Logic Low (Module On)
-0.7
0.8
V
Logic High (Module Off)
2
18
V
Positive Remote On/Off logic
Logic Low (Module Off)
-0.7
0.8
V
Logic High (Module On)
2
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.25
0.3
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C; 300LFM airflow
TBD
M hours
Weight (open frame)
54
grams
Over-Temperature Shutdown
Refer to Fig.17 for the measuring point
129
°C
DS_Q48SB9R650_07102006
2


Similar Part No. - Q48SB9R650PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NKFA DELTA-Q48SB10828NKFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NKFH DELTA-Q48SB10828NKFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFA DELTA-Q48SB10828NNFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFH DELTA-Q48SB10828NNFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
More results

Similar Description - Q48SB9R650PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com