Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DQ3R315NRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # Q48DQ3R315NRFA
Description  Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DQ3R315NRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button Q48DQ3R315NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few µH, we advise adding a 10 to 100 µF electrolytic
capacitor (ESR < 0.7 Ω at 100 kHz) mounted close to
the input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the
end-user’s safety agency standard, i.e., UL60950,
CAN/CSA-C22.2 No. 60950-00 and EN60950:2000 and
IEC60950-1999, if the system in which the power
module is to be used must meet safety agency
requirements.
When the input source is 60 Vdc or below, the power
module
meets
SELV
(safety
extra-low
voltage)
requirements. If the input source is a hazardous voltage
which is greater than 60 Vdc and less than or equal to 75
Vdc, for the module’s output to meet SELV requirements,
all of the following must be met:
The input source must be insulated from any
hazardous voltages, including the ac mains, with
reinforced insulation.
One Vi pin and one Vo pin are grounded, or all the
input and output pins are kept floating.
The input terminals of the module are not operator
accessible.
If the metal baseplate is grounded the output must
be also grounded.
A SELV reliability test is conducted on the system
where the module is used to ensure that under a
single fault, hazardous voltage does not appear at
the module’s output.
Do not ground one of the input pins without grounding
one of the output pins. This connection may allow a
non-SELV voltage to appear between the output pin and
ground.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
normal-blow fuse with 7A maximum rating to be installed
in the ungrounded lead. A lower rated fuse can be used
based on the maximum inrush transient energy and
maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance
on appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.
DS_Q48DW3R312_07202006
9


Similar Part No. - Q48DQ3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR1R833NRFA DELTA-Q48DR1R833NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR2R533NRFA DELTA-Q48DR2R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR3R350NRFA DELTA-Q48DR3R350NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results

Similar Description - Q48DQ3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com