Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SB10828PRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # Q48SB10828PRFA
Description  Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB10828PRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  Q48SB10828PRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB10828PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS CURVES
86
88
90
92
94
96
98
100
5
1015
20253035
OUTPUT CURRENT (A)
36Vin
48Vin
60Vin
0
4
8
12
16
20
24
5
101520
253035
OUTPUT CURRENT(A)
36Vin
48Vin
60Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power loss vs. load current for minimum, nominal,
and maximum input voltage at 25°C.
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
45
OUTPUT CURENT(A)
36Vin
48Vin
60Vin
Figure 3: Output voltage regulation vs load current showing
typical current limit curves and converter shutdown points for
minimum, nominal, and maximum input voltage at room
temperature .
DS_Q48SB10828_11062006
3


Similar Part No. - Q48SB10828PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB12040NRFA DELTA-Q48SB12040NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
More results

Similar Description - Q48SB10828PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com