Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SL3R330NRFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q48SL3R330NRFA
Description  Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SL3R330NRFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48SL3R330NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SL3R330NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 11:
Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (200 mA/div).
Figure 12:
Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(10 mA/div).
Strip
Copper
Vo(-)
Vo(+)
10u
1u
LOAD
RESISTIVE
SCOPE
Figure 13:
Output voltage noise and ripple measurement test
setup
DS_Q48SL1R535_01192007
6


Similar Part No. - Q48SL3R330NRFA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
Q48S08120 BEL-Q48S08120 Datasheet
1Mb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S15050 BEL-Q48S15050 Datasheet
933Kb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
   Higher current capability at 70 쨘C than existing
Q48S30015 BEL-Q48S30015 Datasheet
1,009Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
Q48S30018 BEL-Q48S30018 Datasheet
1,005Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
More results

Similar Description - Q48SL3R330NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
Q48SK11049 DELTA-Q48SK11049 Datasheet
332Kb / 13P
   Quarter Brick Family DC/DC Power Modules: 48V In, 11V/49A Out
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com