Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL51 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EL51
Description  DIFFERENTIAL CLOCK D FLIP-FLOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL51 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL51 Datasheet HTML 1Page - Micrel Semiconductor SY100EL51 Datasheet HTML 2Page - Micrel Semiconductor SY100EL51 Datasheet HTML 3Page - Micrel Semiconductor SY100EL51 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10EL51
SY100EL51
Micrel, Inc.
M9999-121205
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle
1.8
2.8
2.2
2.8
2.2
2.8
2.2
2.8
GHz
Frequency
tPD
Propagation Delay to
ps
Output
CLK
325
465
605
375
465
555
385
475
565
440
530
620
R
305
455
605
355
455
555
355
465
565
410
510
620
tS
Set-up Time
150
0
150
0
150
0
150
0
ps
tH
Hold Time
250
100
250
100
250
100
250
100
ps
tRR
Reset Recovery
400
200
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
400
400
400
400
ps
CLK, Reset
VPP
Minimum Input
150
150
150
150
mV
Swing(1)
VCMR
Common Mode
(2)
–0.4
(2)
–0.4
(2)
–0.4
(2)
–0.4
V
Range(2)
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTES:
1. Minimum input swing for which AC parameters are guaranteed.
2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range is dependent on VEE and is equal to VEE + 3.0V.
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
24
29
19
24
29
19
24
29
19
24
29
100EL
24
29
19
24
29
19
24
29
24
30
36
VEE
Power Supply Voltage
V
10EL –4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL –4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
150
150
150
150
µA
VEE = VEE (Min.) to VEE (Max.); VCC = GND


Similar Part No. - SY100EL51

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL51ZC MICREL-SY100EL51ZC Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
SY100EL51ZC MICREL-SY100EL51ZC Datasheet
53Kb / 4P
   DIFFERENTIAL DIFFERENTIAL
SY100EL51ZCTR MICREL-SY100EL51ZCTR Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
SY100EL51ZCTR MICREL-SY100EL51ZCTR Datasheet
53Kb / 4P
   DIFFERENTIAL DIFFERENTIAL
SY100EL51ZG MICREL-SY100EL51ZG Datasheet
53Kb / 4P
   DIFFERENTIAL DIFFERENTIAL
More results

Similar Description - SY100EL51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com