Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DQ3R310NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48DQ3R310NNFA
Description  Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DQ3R310NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48DQ3R310NNFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DQ3R310NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
High efficiency: 85.3% @ 1.2V/13A, 3.3V/8A
Low profile: 0.33”
Industry standard footprint and pinout
Flexible current allocation on each output
Low voltage output (O/P 1) starts up first
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
No minimum load required
Basic insulation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives.
Delphi Series Q48DW, 45W Quarter Brick,
Dual Output DC/DC Power Modules:
1.2V/13A and 3.3V/8A
The Delphi Series Q48DW Quarter Brick, 48V input, dual output,
isolated DC/DC converters are the latest offering from a world leader
in power system and technology and manufacturing — Delta
Electronics, Inc. This product family provides dual positive regulated
outputs with a flexible combination of output current and power up to
45W in a very cost effective industry standard footprint. With creative
design technology and optimization of component placement, these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions. All models are fully protected from abnormal input/output
voltage, current, and temperature conditions. The Delphi Series
Q48DW converters meet all safety requirements with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths
Heatsink available for extended
operation
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
DATASHEET
DS_ Q48DW3R312_07202006


Similar Part No. - Q48DQ3R310NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR1R833NRFA DELTA-Q48DR1R833NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR2R533NRFA DELTA-Q48DR2R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR3R350NRFA DELTA-Q48DR3R350NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results

Similar Description - Q48DQ3R310NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com