Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3281ELHLT-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3281ELHLT-T
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3281ELHLT-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3281ELHLT-T Datasheet HTML 1Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 2Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A3281ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The A3280--, A3281--, and A3283-- Hall-effect latches are extremely
temperature-stable and stress-resistant sensors especially suited for op-
eration over extended temperature ranges to +150°C. Superior high-tem-
perature performance is made possible through dynamic offset cancella-
tion, which reduces the residual offset voltage normally caused by device
overmolding, temperature dependencies, and thermal stress. The three
devices are identical except for magnetic switch points.
Each device includes on a single silicon chip a voltage regulator,
Hall-voltage generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, and a short-circuit protected open-collector output to
sink up to 25 mA. A south pole of sufficient strength will turn the output
on. A north pole is necessary to turn the output off. An on-board regula-
tor permits operation with supply voltages of 4.2 to 24 volts.
Three package styles provide a magnetically optimized package for
most applications. Package type LH is a modified SOT23W surface-
mount package, LT is a miniature SOT89/TO-243AA transistor package
for surface-mount applications; while UA is a three-lead ultra-mini-SIP
for through-hole mounting. Each package type is also available in a lead
(Pb) free version (suffix, –T) , with a 100% matte tin plated leadframe.
FEATURES
Symmetrical Switch Points
Resistant to Physical Stress
Superior Temperature Stability
Output Short-Circuit Protection
Operation From Unregulated Supply
Reverse Battery Protection
Solid-State Reliability
Small Size
3280, 3281,
AND
3283
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VCC .......................... 26.5 V
Reverse Battery Voltage, VRCC .......... -30 V
Magnetic Flux Density, B ............ Unlimited
Output Off Voltage, VOUT .................... 26 V
Continuous Output Current,
IOUT ......................................... 25 mA*
Reverse Output Current, IOUT ......... -50 mA
Package Power Dissipation, PD See Graph
Junction Temperature, TJ ................ +165°C
Operating Temperature Range, TA
Range ‘E’ ..................... -40°C to +85°C
Range ‘L’.................... -40°C to +150°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
*Internal current limiting is intended to protect
the device from output short circuits.
Pinning is shown viewed from branded side.
CHOPPER-STABILIZED, PRECISION
HALL-EFFECT LATCHES
Suffix '–LT' & '–UA' Pinning
(SOT89/TO-243AA & ultra-mini SIP)
Dwg. PH-003-2
1
V
CC
3
2
X
PTCT


Similar Part No. - A3281ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3281ELHLT ALLEGRO-A3281ELHLT Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
More results

Similar Description - A3281ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com