Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DV2R533NRFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48DV2R533NRFA
Description  Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DV2R533NRFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48DV2R533NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48DV2R533NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 17: Input Terminal Ripple Current-ic, at full rated
output current and nominal input voltage with 12µH source
impedance and 33µF electrolytic capacitor (500 mA/div,
2us/div).
Figure 18: Input reflected ripple current-is, through a 12µH source
inductor at nominal input voltage and rated load current (20
mA/div, 2us/div).
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIV
LOAD
Figure 19: Output voltage noise and ripple measurement
test setup
Figure 20: Output voltage ripple at nominal input voltage and
rated load current (Iout1=Iout2=Full)(20 mV/div, 1us/div). Top
trace: Vout2 (50mV/div), Bottom trace:Vout1(50mV/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches). Position
the load between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
DS_Q48DV1R533_07172006
7


Similar Part No. - Q48DV2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48DV2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DW3R312NRFA DELTA-Q48DW3R312NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com