Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SB9R650NKFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SB9R650NKFH
Description  Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB9R650NKFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SB9R650NKFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
High Efficiency: 96.8% @9.6V/50A
Standard footprint: 58.4 x 36.8 x12.3mm
(2.30”x1.45”x0.48’’)
Industry standard pinout
Input OVP, UVLO; output OCP and OTP
1500V isolation
Basic insulation
Monotonic startup into normal load and
pre-bias loads
No minimum load required
Constant 500W output power
Parallelable for higher power output
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada), and TUV
(EN60950) pending
CE mark Pending
DATASHEET
0_07102006
APPLICATIONS
ng
ipment
nt
Delphi Series Q48SB, 500W Bus Converter
DC/DC Power Modules: 48V in, 9.6V/55A out
The Delphi Series Q48SB, 48V input, single output, quarter brick, 500W
bus converter is the latest offering from a world leader in power systems
technology and manufacturing -- Delta Electronics, Inc. This product
family supports intermediate bus architectures and powers multiple
downstream
non-isolated
point-of-load
(POL)
converters.
The
Q48SB9R6 (5:1) operates from a nominal 48V input and provides up to
500W of power or up to 63A (@ 38Vin) of output current in an industry
standard quarter brick footprint. The Q48SB 5:1 bus converter operates
with 500W constant output power, hence when input voltage drops, the
output current will increase accordingly. Typical efficiency for the
9.6V/50A output is 96.8%. With optimized component placement,
creative design topology, and numerous patented technologies, the
Q48SB bus converter delivers outstanding electrical and thermal
performance. An optional heatsink is available for harsh thermal
requirements.
Datacom / Networki
Wireless Networks
Optical Network Equ
Server and Data Storage
Industrial/Testing Equipme
DS_Q48SB9R65
OPTIONS
Positive On/Off logic
Heatspreader available for
extended operation
Latch mode output OCP and OTP


Similar Part No. - Q48SB9R650NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NKFA DELTA-Q48SB10828NKFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NKFH DELTA-Q48SB10828NKFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFA DELTA-Q48SB10828NNFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFH DELTA-Q48SB10828NNFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
More results

Similar Description - Q48SB9R650NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com