Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3282 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3282
Description  Chopper-Stabilized Hall Effect Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3282 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3282_06 Datasheet HTML 3Page - Allegro MicroSystems A3282_06 Datasheet HTML 4Page - Allegro MicroSystems A3282_06 Datasheet HTML 5Page - Allegro MicroSystems A3282_06 Datasheet HTML 6Page - Allegro MicroSystems A3282_06 Datasheet HTML 7Page - Allegro MicroSystems A3282_06 Datasheet HTML 8Page - Allegro MicroSystems A3282_06 Datasheet HTML 9Page - Allegro MicroSystems A3282_06 Datasheet HTML 10Page - Allegro MicroSystems A3282_06 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Chopper-Stabilized Hall Effect Latch
A3282
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA (2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 1.5 mA, and RθJA = 165 °C/W, then:
PD = VCC
× ICC = 12 V × 1.5 mA = 18 mW
ΔT = PD
× RθJA = 18 mW × 165 °C/W = 3°C
TJ = TA + ΔT = 25°C + 3°C = 28°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package LH, using a
low-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=228 °C/W, TJ(max) =165°C, VCC(max)= 24 V, and
ICC(max) = 5 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷228 °C/W=66mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 66mW÷5 mA=13 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
Power Derating


Similar Part No. - A3282_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282ELHLT ALLEGRO-A3282ELHLT Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A3282ELHLT-T ALLEGRO-A3282ELHLT-T Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A3282EUA ALLEGRO-A3282EUA Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A3282EUA-T ALLEGRO-A3282EUA-T Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A3282LLHLT ALLEGRO-A3282LLHLT Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results

Similar Description - A3282_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244_16 Datasheet
725Kb / 12P
   Chopper-Stabilized, Two-Wire Hall-Effect Latch
A1242 ALLEGRO-A1242 Datasheet
363Kb / 11P
   Two-Wire Chopper-Stabilized Hall Effect Latch
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
First Components Intern...
FUS1881 FCI-FUS1881 Datasheet
636Kb / 4P
   FUS1881 CMOS Chopper Stabilized, Hall - Effect Sensor (Latch)
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com