Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3283ELT-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3283ELT-T
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3283ELT-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3283ELT-T Datasheet HTML 1Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 2Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 3Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 4Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 5Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 6Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 7Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 8Page - Allegro MicroSystems A3283ELT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
4
Part Numbers1
A3280
A3281
A3283
Characteristic
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point, BOP
at TA = +25°C and TA = max.
5.0
22
40
15
50
90
100
150
180
G
at TA = -40°C
5.0
40
15
90
100
200
G
Release Point, BRP
at TA = +25°C and TA = max.
-40
-23
-5.0
-90
-50
-15
-180
-150
-100
G
at TA = -40°C
-40
-5.0
-90
-15
-200
-100
G
Hysteresis, Bhys
at TA = +25°C and TA = max.
10
45
80
30
100
180
300
360
G
(BOP - BRP)
at TA = -40°C
80
180
360
G
NOTES:1. Complete part number includes a suffix to identify operating temperature range (E or L) and
package type (LH, LT, or UA).
2. As used here, negative flux densities are defined as less than zero (algebraic convention) and -50 G is less than +10 G.
3. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
4. 1 gauss (G) is exactly equal to 0.1 millitesla (mT).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating, TJ < 165°C1
4.2
24
V
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
––
10
µA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
185
500
mV
Output Current Limit
IOM
B > BOP
30
60
mA
Power-On Time
tpo
VCC > 4.2 V
50
µs
Chopping Frequency
fC
340
kHz
Output Rise Time
tr
RL = 820 Ω, CL = 20 pF
0.2
2.0
µs
Output Fall Time
tf
RL = 820 Ω, CL = 20 pF
0.1
2.0
µs
Supply Current
ICC
B < BRP, VCC = 12 V
3.0
8.0
mA
B > BOP, VCC = 12 V
4.0
8.0
mA
Reverse Battery Current
ICC
VRCC = -30 V
-5.0
mA
Zener Voltage
VZ + VD
ICC = 15 mA, TA = 25°C
283237
V
Zener Impedance
zz + zD
ICC = 15 mA, TA = 25°C–
50
NOTES:1. Maximum voltage must be adjusted for power dissipation and junction temperature.
2. BOP = operate point (output turns on); BRP = release point (output turns off).
3. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
ELECTRICAL CHARACTERISTICS over operating temperature range.
MAGNETIC CHARACTERISTICS over operating voltage range.


Similar Part No. - A3283ELT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3283ELT ALLEGRO-A3283ELT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3283ELT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com