Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3516EUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3516EUA
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3516EUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3516EUA Datasheet HTML 1Page - Allegro MicroSystems A3516EUA Datasheet HTML 2Page - Allegro MicroSystems A3516EUA Datasheet HTML 3Page - Allegro MicroSystems A3516EUA Datasheet HTML 4Page - Allegro MicroSystems A3516EUA Datasheet HTML 5Page - Allegro MicroSystems A3516EUA Datasheet HTML 6Page - Allegro MicroSystems A3516EUA Datasheet HTML 7Page - Allegro MicroSystems A3516EUA Datasheet HTML 8Page - Allegro MicroSystems A3516EUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3515 AND 3516
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
MAGNETIC CHARACTERISTICS over operating temperature range, at V
CC = 5 V, IO = -1 mA
(unless otherwise noted).
Part Numbers
A3515EUA
A3515LUA
A3516EUA
A3516LUA
Characteristic*
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Units
Operating Temp. Range, T
A
-40
+85
-40
+150
-40
+85
-40
+150
°C
Sensitivity at T
A = 25°C
4.50 5.00 5.50
4.50 5.00 5.50
2.25 2.50 2.75
2.25 2.50 2.75
mV/G
∆Sens
(
∆T) at TA = Max.
-2.5
2.5
7.5
-2.5
2.5
7.5
-2.5
2.5
7.5
-2.5
2.5
7.5
%
∆Sens
(
∆T) at TA = Min.
-9.0
-1.3
1.0
-9.0
-1.3
1.0
-9.0
-1.3
1.0
-9.0
-1.3
1.0
%
∆V
OQ(
∆T)
––
±10
±10
±10
±10
G
Ratiometry,
∆V
OQ(
∆V)
100
100
100
100
%
Ratiometry,
∆Sens
(
∆V)
100
100
100
100
%
Positive Linearity, Lin+
100
100
100
100
%
Negative Linearity, Lin–
100
100
100
100
%
Symmetry
100
100
100
100
%
NOTE 1 – Magnetic flux density is measured at most sensitive area of device located 0.0195" (0.50 mm) below the branded face of
the “UA” package.
NOTE 2 – 10 G = 1 mT, exactly.
NOTE 3 – Except for
∆Sens
(
∆T), typical data is at TA = 25°C and is for design information only.
* See Characteristics Definitions for test conditions.
† This calculation (formula 1, next page) yields the device’s equivalent accuracy, over the operating temperature range, in gauss.


Similar Part No. - A3516EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3516EUA ALLEGRO-A3516EUA Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
More results

Similar Description - A3516EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com