Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3940KLP-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3940KLP-T
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3940KLP-T Datasheet HTML 3Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 4Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 5Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 6Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 7Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 8Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 9Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 10Page - Allegro MicroSystems A3940KLP-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
www.allegromicro.com
7
Terminal Functions
Terminal
Terminal Name
Function
Number
VDRAIN
Kelvin connection to MOSFET high-side drains
1
LSS
Gate-drive source return, low-side
2
GLB
Gate-drive B output, low-side
3
SB
Motor phase B input
4
GHB
Gate-drive B output, high-side
5
CB
Bootstrap capacitor B
6
VIN
Regulated 13 V gate drive supply input
7
VREG13
Regulated 13 V gate drive supply output
8
CA
Bootstrap A capacitor
9
GHA
Gate-drive A output, high-side
10
SA
Motor phase A input
11
GLA
Gate-drive A output, low-side
12
VBB
Battery supply
13
CP2
Charge pump connection for pumping capacitor
14
VCP
Charge pump output
15
CP1
Charge pump connection for pumping capacitor
16
GND
Common ground and dc supply returns
Electrically connected to exposed thermal pad of LP package
17
FAULT
Open-drain fault output
18
OVSET
DC input, overvoltage threshold setting for V
BB
19
VREG5
Regulated 5 V supply output
20
MODE
Control input
21
SR
Control input
22
ENABLE
Control input
23
PHASE
Control input
24
RESET
Control input
25
LONG
Control input, long or short deadtime
26
IDEAD
Adjust current for basic deadtime
27
VDSTH
DC input, drain-to-source monitor threshold voltage
28


Similar Part No. - A3940KLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3940KLP ALLEGRO-A3940KLP Datasheet
663Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLPTR-T ALLEGRO-A3940KLPTR-T Datasheet
773Kb / 13P
   Full-Bridge Power MOSFET Controller
More results

Similar Description - A3940KLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3940KLPTR-T ALLEGRO-A3940KLPTR-T Datasheet
773Kb / 13P
   Full-Bridge Power MOSFET Controller
A3940KLP ALLEGRO-A3940KLP Datasheet
663Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
   Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
   Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
   Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
   Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com