Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SP12017PKFH Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # Q48SP12017PKFH
Description  Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SP12017PKFH Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button Q48SP12017PKFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 9Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 10Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 11Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 12Page - Delta Electronics, Inc. Q48SP12017PKFH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_Q48SP12017_01162007
11
MECHANICAL DRAWING(WITHOUT HEATSPERADER)
Pin No.
Name
Function
1
2
3
4
5
6
7
8
9
-Vin
CASE
ON/OFF
+Vin
+Vout
+SENSE
TRIM
-SENSE
-Vout
Negative input voltage
Case ground pin
Remote ON/OFF
Positive input voltage
Positive output voltage
Positive remote sense
Output voltage trim
Negative remote sense
Negative output voltage
Notes:
1
2
3
Pins 1-4, 6-8 are 1.00mm (0.040”) diameter
Pins 5 and 9 are 1.50mm (0.060”) diameter
All pins are copper with Tin plating


Similar Part No. - Q48SP12017PKFH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
Q48S08120 BEL-Q48S08120 Datasheet
1Mb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S15050 BEL-Q48S15050 Datasheet
933Kb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
   Higher current capability at 70 쨘C than existing
Q48S30015 BEL-Q48S30015 Datasheet
1,009Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
Q48S30018 BEL-Q48S30018 Datasheet
1,005Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
More results

Similar Description - Q48SP12017PKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SL1R535NRFA DELTA-Q48SL1R535NRFA Datasheet
664Kb / 13P
   Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com