Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SE3R305NKFB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S36SE3R305NKFB
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE3R305NKFB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S36SE3R305NKFB Datasheet HTML 1Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 2Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 3Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 4Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 5Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 6Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 7Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 8Page - Delta Electronics, Inc. S36SE3R305NKFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Delphi S36SE, 17W 1x1 Brick Series
DC/DC Power Modules: 18~75V in, 3.3V/5A out
The Delphi S36SE series, 1x1 sized, 18~75Vin, single output,
isolated DC/DC converters are the latest offering from a world leader
in power systems technology and manufacturing  Delta Electronics,
Inc. This product family is available in either a surface mount or
through-hole package and provides up to 17 watts of power or 5A of
output current (3.3V and below) in a standard 1x1 form factor
(1.10”x0.96”x0.33”). The pinout is compatible with the popular
industry standard 1x2 sized products. With creative design
technology and optimization of component placement, these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions. The S36SE 3.3V module could provide full output power
without any airflow up to 85
°C ambient temperature while keeping the
component junction temperatures under most derating guidelines.
Typical efficiency of 3.3V/5A module is better than 86.5% and all
modules are fully protected from abnormal input/output voltage,
current, and temperature conditions.
OPTIONS
Positive, negative, or no On/Off
Trim pin
OTP and Output OVP, OCP mode,
Auto-restart (default) or latch-up
Surface mounted pins
Short pin lengths
APPLICATIONS
Optical Transport
Data Networking
Communications, including Wireless
and traditional Telecom
Servers
FEATURES
High efficiency: 86.5% @3.3V/5A
Industry standard 1x1 pinout
Size: 27.9x24.4x8.5mm (1.10”x0.96”x0.33”)
Fixed frequency operation
4:1 ultra wide input voltage range
Input UVLO
Output OCP, OVP and OTP
Monotonic startup into normal and pre-bias
loads
Output voltage trim ±10%
2250V isolation and basic insulation
No minimum load required
SMT and Through-hole versions
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) certified.
CE mark meets 73/23/EEC and 93/68/EEC
directives
DATASHEET
DS_S36SE3R305_02152007


Similar Part No. - S36SE3R305NKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NKFB DELTA-S36SE3R305NKFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE3R305NKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com