Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP33V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EP33V
Description  5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP33V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EP33V Datasheet HTML 1Page - Micrel Semiconductor SY100EP33V Datasheet HTML 2Page - Micrel Semiconductor SY100EP33V Datasheet HTML 3Page - Micrel Semiconductor SY100EP33V Datasheet HTML 4Page - Micrel Semiconductor SY100EP33V Datasheet HTML 5Page - Micrel Semiconductor SY100EP33V Datasheet HTML 6Page - Micrel Semiconductor SY100EP33V Datasheet HTML 7Page - Micrel Semiconductor SY100EP33V Datasheet HTML 8Page - Micrel Semiconductor SY100EP33V Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Precision Edge®
SY10EP33V
SY100EP33V
Micrel, Inc.
M9999-071906
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage (VEE = 0)
+6.0 to 0
V
VEE
Power Supply Voltage (VCC = 0)
–6.0 to 0
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TA
Operating Temperature Range
–40 to +85
°C
TLEAD
Lead Temperature
+260
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θ
JA
Thermal Resistance (Junction-to-Ambient)
SOIC-8
–Still Air
160
°C/W
–500lfpm
109
°C/W
MSOP-8
–Still Air
206
°C/W
–500lfpm
155
°C/W
θ
JC
Thermal Resistance (Junction-to-Case)
SOIC-8
39
°C/W
MSOP-8
39
°C/W
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
36
26
36
36
mA
VOH
Output HIGH Voltage(3)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage(3)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage
2090
2415
2155
2480
2215
2540
mV
(Single-Ended)
VIL
Input LOW Voltage
1365
1690
1430
1755
1490
1815
mV
(Single-Ended)
VBB
Output Voltage
1790
1890
1990
1885
1955
2055
1915
2015
2115
mV
VIHCMR
Input HIGH Voltage(4)
Common Mode Range
2.0
VCC
2.0
VCC
2.0
VCC
V
(Differential)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW
RESET, CLK
0.5
0.5
0.5
µA
Current
/CLK
–150
–150
–150
Notes:
1. 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. Input and output parameters vary 1:1 with V
CC.
3. All loading with 50
Ω to V
CC –2.0V.
4. The V
IHCMR range is referenced to the most positive side of the differential input signal.
(10EP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +3.3V ±10%; VEE = 0V
(2)


Similar Part No. - SY100EP33V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33V MICREL-SY100EP33V Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKCTR MICREL-SY100EP33VKCTR Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKG MICREL-SY100EP33VKG Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKGTR MICREL-SY100EP33VKGTR Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results

Similar Description - SY100EP33V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com