Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP11UKC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP11UKC
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP11UKC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP11UKC Datasheet HTML 1Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 2Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 3Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 4Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 5Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 6Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 7Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 8Page - Micrel Semiconductor SY10EP11UKC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ECL Pro™
SY10EP11U
SY100EP11U
Micrel, Inc.
M9999-111606
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
IL
Input LOW Voltage
–1935
–1610 –1870
–1545 –1810
–1485
mV
(Single-Ended)
V
IH
Input HIGH Voltage
–1210
–885
–1145
–820
–1085
–760
mV
(Single-Ended)
V
OL
Outuput LOW Voltage
–1935 –1810 –1685 –1870 –1745 –1620 –1810 –1685 –1560
mV
50Ω to VCC–2V
V
OH
Output HIGH Voltage
–1135 –1010
–885
–1070
–945
–820
–1010
–885
–760
mV
50Ω to VCC–2V
V
IHCMR
Input HIGH Voltage(4)
V
EE +1.2
0.0
V
EE +1.2
0.0
V
EE +1.2
0.0
V
Common Mode Range
(10KEP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 0V, VEE = –5.5V to –2.375V.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
OL
Outuput LOW Voltage
555
680
805
555
680
805
555
680
805
mV
50Ω to VCC–2V
V
OH
Output HIGH Voltage
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
50Ω to VCC–2V
V
IHCMR
Input HIGH Voltage(4)
1.2
V
CC
1.2
V
CC
1.2
V
CC
V
Common Mode Range
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 2.5V ±5%.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VIL
Input LOW Voltage
1355
1675
1355
1675
1355
1675
mV
(Single-Ended)
VIH
Input HIGH Voltage
2075
2420
2075
2420
2075
2420
mV
(Single-Ended)
VOL
Output LOW Voltage
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
50Ω to VCC–2V
VOH
Output HIGH Voltage
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
50Ω to VCC–2V
VIHCMR
Input HIGH Voltage(4)
1.2
V
CC
1.2
V
CC
1.2
V
CC
V
Common Mode Range
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 3.3V ±10%, VEE = 0V.
Notes:
3. 10KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
4. The V
IHCMR range is referenced to the most positive side of the differential input signal. See “Input Waveform” section. Single-ended input CLK pin
operation is limited to V
EE ≤ –3.0V in ECL/LVECL mode.


Similar Part No. - SY10EP11UKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY10EP11UKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com