Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP11UKCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EP11UKCTR
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP11UKCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EP11UKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP11UKCTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
ECL Pro™
SY10EP11U
SY100EP11U
Micrel, Inc.
M9999-111606
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
2.5V/3.3V/5V 1:2 DIFFERENTIAL
PECL/LVPECL/ECL
FANOUT BUFFER
ECL Pro™
SY10EP11U
SY100EP11U
■ 2.5V, 3.3V and 5V power supply options
■ Guaranteed AC parameters over temperature:
•f
MAX > 3.0GHz
•< 20ps output-to-output skew
•< 200ps t
r /tf
•< 300ps propagation delay
■ Wide temperature range: –40°C to +85°C
■ Available in 8-pin (3mm) MSOP and SOIC packages
The SY10/100EP11U is a precision, high-speed 1:2
differential fanout buffer. Having within-device skews and
output transition times significantly improved over the
EL11V, the EP11U is ideally suited for those applications
which require the ultimate in AC performance.
The differential inputs of the EP11U employ clamping
circuitry to maintain stability under open input conditions.
If the inputs are left open, the Q outputs will go LOW.
Rev.: D
Amendment: /0
Issue Date:
November 2005
Pin
Function
D
PECL, LVPECL, ECL, LVECL Clock or Data Input:
Internal 75kΩ pulldown resistor. If left floating,
pin defaults LOW, QOUT goes LOW.
/D
PECL, LVPECL, ECL, LVECL complementary
Clock or Data Input: Internal 75kΩ pull-up and
down resistors. If left open, default is VCC/2. When
the input is not used, it can be left open.
Q0, /Q0
PECL, LVPECL, ECL, LVECL Outputs:
Q1, /Q1
Terminates to VCC –2V.
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF
low ESR capacitors.
VEE
Negative Power Supply: For PECL operation,
connect to GND.
PIN NAMES
Micrel Semiconductor
ON Semiconductor
SY10EP11UZI/KI
MC10EP11D/DT
SY10EP11UZI/KI
MC10LVEP11D/DT
SY100EP11UZI/KI
MC100EP11D/DT
SY100EP11UZI/KI
MC100LVEP11D/DT
CROSS REFERENCE TABLE
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY10EP11UKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY10EP11UKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com