Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DV1R533PKFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # Q48DV1R533PKFA
Description  Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DV1R533PKFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button Q48DV1R533PKFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 12Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 13Page - Delta Electronics, Inc. Q48DV1R533PKFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FEATURES DESCRIPTIONS (CON.)
Figure 25: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and RTN, the output voltage (Vout1) set point
decreases (Fig.25). Refer to the table below for the
external resistor values.
Trim Resistor
(Vout Increase)
Trim Resistor
(Vout Decrease)
Vout1
Rtrim-up [KΩ]
Vout1
Rtrim-down [KΩ]
1.5
Open
1.5
Open
1.6
86.6
1.4
24.9
1.7
34.8
1.3
10.7
1.8
15.8
1.2
4.87
1.9
10.2
1.1
2.21
2
6.98
1.0
0
The output voltage can be increased by the trim pin,
When using trim; the output voltage of the module is
usually increased, which increases the power output of
the module with the same output current. Care should
be taken to ensure that the maximum output power of
the module remains at or below the maximum rated
power.
DS_Q48DV1R533_07172006
11


Similar Part No. - Q48DV1R533PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48DV1R533PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DW3R312NRFA DELTA-Q48DW3R312NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com