Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3966 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3966
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3966 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3966_03 Datasheet HTML 1Page - Allegro MicroSystems 3966_03 Datasheet HTML 2Page - Allegro MicroSystems 3966_03 Datasheet HTML 3Page - Allegro MicroSystems 3966_03 Datasheet HTML 4Page - Allegro MicroSystems 3966_03 Datasheet HTML 5Page - Allegro MicroSystems 3966_03 Datasheet HTML 6Page - Allegro MicroSystems 3966_03 Datasheet HTML 7Page - Allegro MicroSystems 3966_03 Datasheet HTML 8Page - Allegro MicroSystems 3966_03 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3966
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
Copyright © 1998, 2003 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OUT1B
GROUND
Dwg. PP-066-2
OUT
1A
PHASE 1
OUT2A
SENSE 1
ENABLE 1
LOAD
SUPPLY
REFERENCE
PHASE 2
ENABLE 2
SENSE 2
OUT 2B
LOGIC
SUPPLY
RC
RC
V
REF
V
CC
V
BB
GROUND
A3966SA (DIP)
TRUTH TABLE
PHASE
ENABLE
OUTA
OUTB
XH
Off
Off
HL
H
L
LL
L
H
X = Irrelevant
R2S
R1S
REFERENCE
÷4
V CC
LOGIC
SUPPLY
PHASE 1
LOAD
SUPPLY
V BB
RC
R T
C T
Dwg. FP-036-6
SENSE
UVLO
& TSD
BLANKING
GATE
Q
R
S
PWM LATCH
+
CURRENT-SENSE
COMPARATOR
ENABLE 1
OSC
PHASE2
GROUND
SENSE
UVLO
& TSD
BLANKING
GATE
Q
R
S
PWM LATCH
+
CURRENT-SENSE
COMPARATOR
ENABLE 2
2
1
2
2
2
1
1
1


Similar Part No. - 3966_03

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3966 ALLEGRO-3966 Datasheet
201Kb / 12P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Pomona Electronics
3966 POMONA-3966 Datasheet
27Kb / 1P
   BNC (Female) To Miniature Banana Plugs
More results

Similar Description - 3966_03

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com