Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3966SLBTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3966SLBTR-T
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3966SLBTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3966SLBTR-T Datasheet HTML 1Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 2Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 3Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 4Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 5Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 6Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 8Page - Allegro MicroSystems A3966SLBTR-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3966
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
3
Load Supply Voltage Range
VBB
Operating, IOUT = ±650 mA, L = 3 mH
VCC
30
V
Output Leakage Current
ICEX
VOUT
0
5
0
.
1
<
V
0
3
=
µA
VOUT
0
5
-
0
.
1
-
<
V
0
=
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, IOUT = -400 mA
1.7
2.0
V
Source Driver, IOUT = -650 mA
1.8
2.1
V
Sink Driver, IOUT = +400 mA, VS = 0.5 V
0.3
0.5
V
Sink Driver, IOUT = +650 mA, VS = 0.5 V
0.7
1.3
V
Clamp Diode Forward Voltage
VF
IF
V
4
.
1
1
.
1
A
m
0
0
4
=
IF
V
6
.
1
4
.
1
A
m
0
5
6
=
Motor Supply Current
IBB(ON)
VENABLE1 = VENABLE2 = 0.8 V
3.0
5.0
mA
(No Load)
IBB(OFF)
VENABLE1 = VENABLE2 = 2.4 V
<1.0
200
µA
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.5 V, VREF = 2 V,
VS = 0 V, 56 k& 680 pF RC to Ground (unless noted otherwise)
Limits
s
ti
n
U
.
x
a
M
.
p
y
T
.
n
i
M
s
n
o
it
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
Output Drivers
Logic Supply Voltage Range
VCC
V
0
5
.
5
5
7
.
4
g
n
it
a
r
e
p
O
Logic Input Voltage
VIN(1)
2.4
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN
0
2
0
.
1
<
V
4
.
2
=
µA
IIN(0)
VIN
0
0
2
-
0
2
-
<
V
8
.
0
=
µA
Reference Input Volt. Range
VREF
V
0
.
2
1
.
0
g
n
it
a
r
e
p
O
Reference Input Current
IREF
-2.5
0
1.0
µA
Reference Divider Ratio
VREF/VTRIP
3.8
4.0
4.2
Current-Sense Comparator
VIO
VREF
V
m
0
.
6
0
0
.
6
-
V
0
=
Input Offset Voltage
Current-Sense Comparator
VS
V
0
.
1
3
.
0
-
g
n
it
a
r
e
p
O
Input Voltage Range
Sense-Current Offset
ISO
IS – IOUT, 50 mA ≤ IOUT ≤ 650 mA
12
18
24
mA
Control Logic
NOTES:1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.


Similar Part No. - A3966SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3966SLBTR ALLEGRO-A3966SLBTR Datasheet
298Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A3966SLBTR.T ALLEGRO-A3966SLBTR.T Datasheet
298Kb / 8P
   Dual Full-Bridge PWM Motor Driver
More results

Similar Description - A3966SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com