Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT28L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EPT28L
Description  3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT28L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EPT28L Datasheet HTML 1Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 2Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 3Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 4Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 5Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 6Page - Micrel Semiconductor SY100EPT28L Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
ECL Pro™
SY10EPT28L
SY100EPT28L
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
D_LVTTL
Low Voltage TTL Input
Q_LVTTL
Low Voltage TTL Output
D_LVPECL
Low Voltage Differential PECL Inputs
/D_LVPECL
with 75kΩ internal pull-down
Q_LVPECL
Low Voltage Differential PECL Outputs
/Q_LVPECL
V
CC
3.3V Positive Supply
GND
Ground
3V LVTTL-TO-DIFFERENTIAL LVPECL
AND DIFFERENTIAL LVPECL-TO-LVTTL
TRANSLATOR
ECL Pro™
SY10EPT28L
SY100EPT28L
Rev.: C
Amendment: /0
Issue Date:
November 2005
DESCRIPTION
■ 3.3V ±10% power supply
■ Guaranteed AC parameters over temperature:
f
MAX > 275MHz (LVTTL)
■ < 2ns LVPECL-to-LVTTL propagation delay
■ < 600ps LVTTL-to-LVPECL propagation delay
■ Internal 75kinput pull-down resistors
■ Industrial temperature range: –40°C to +85°C
■ Available in 8-pin MSOP and SOIC packages
The SY10/100EPT28L is a differential LVPECL-to-
LVTTL translator and a LVTTL-to-differential LVPECL
translator in a single package. Because LVPECL (Positive
ECL) levels are used, only +3.3V and ground are required.
The small outline 8-pin package and the dual translation
design of the EPT28L makes it ideal for applications
which are sending and receiving signals across a
backplane.
The 100k series includes temperature compensation.
Thus, logic levels are constant over temperature.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
FEATURES
PIN NAMES
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY100EPT28L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT20V MICREL-SY100EPT20V Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKCTR MICREL-SY100EPT20VKCTR Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT28L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
   3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com