Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3980KLPTR Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3980KLPTR
Description  Automotive DMOS Microstepping Driver with Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980KLPTR Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3980KLPTR Datasheet HTML 6Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 7Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 8Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 9Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 10Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 11Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 12Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 13Page - Allegro MicroSystems A3980KLPTR Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Device Operation. The A3980 is a complete microstep-
ping motor driver with a built-in translator for easy operation
with minimal control lines. It is designed to operate bipolar
stepper motors in full-, half-, eighth-, and sixteenth-step
modes. The currents in each of the two output full-bridges
and all of the N-channel DMOS FETs are regulated with
fixed off-time PMW (pulse width modulated) control cir-
cuitry. At each step, the current for each full-bridge is set by
the value of its external current-sense resistor (RS1 or RS2), a
reference voltage (VREF), and the output voltage of its DAC
(which in turn is controlled by the output of the translator).
At power-up, the translator resets to the Home state, in which
the motor is driven to the Home microstep position, where
both phase currents are set to +70%. Then the translator sets
the voltage regulator to mixed decay mode for both phases.
When a step command signal occurs on the STEP input, the
translator automatically sequences the DACs to the next
level and current polarity. (See table 3 for the current-level
sequence.) The microstep resolution is set by the combined
effect of inputs MS1 and MS2, as shown in table 1.
When stepping, if the new output levels of the DACs are
lower than their previous output levels, then the decay mode
(fast, slow, or mixed decay) for the active full-bridge is set
by the PFD input. If the new output levels of the DACs are
higher than or equal to their previous levels, then the decay
mode for the active full-bridge is set to slow decay. This
automatic current decay selection improves microstepping
performance by reducing the distortion of the current wave-
form that results from the back EMF of the motor.
Home Microstep Position. At power-up, or after
a UVLO (undervoltage lockout) condition caused by low
voltage on VDD, the translator in the A3980 resets the motor
to the Home microstep position. This corresponds to the 45°
position, which is the step where both phase currents are
+70%. Referring to table 3, for full-step mode this is step
1, for half-step this is step 2, for eighth-step this is step 5,
and for sixteenth-step this is step 9. In table 3 and figures 5
through 8, the Home microstep position is indicated.
Step Input (STEP). A low-to-high transition on the STEP
input sequences the translator and advances the motor one
increment. The translator controls the input to the DACs and
the direction of current flow in each winding. The size of
the increment is determined by the combined state of inputs
MS1 and MS2.
Microstep Select (MS1 and MS2). Selects the micro-
stepping format, as shown in table 1. Any changes made to
these inputs do not take effect until the next STEP rising edge.
Direction Input (DIR). This determines the direction of
rotation of the motor. When low, the direction will be clock-
wise and when high, counterclockwise. Changes to this input
do not take effect until the next STEP rising edge.
Internal PWM Current Control. Each full-bridge is
controlled by a fixed off-time PWM current control circuit
that limits the load current to a desired value, ITRIP. Initially,
a diagonal pair of source and sink DMOS FETs are enabled
and current flows through the motor winding and the current
sense resistor, RS. When the voltage across RS equals the
DAC output voltage, the current sense comparator resets the
PWM latch. The latch then turns off either the source DMOS
(when in slow decay mode) or the sink and source DMOSs
(when in fast or mixed decay modes).
The transconductance function is approximated by the maxi-
mum value of current limiting, ITripMAX (A), which is set by
ITripMAX = VREF ⁄ (8
×R
S)
where RS is the resistance of the sense resistor (Ω) and VREF
is the input voltage on the REF pin (V).
The DAC output reduces the VREF output to the current
sense comparator in precise steps, such that
Itrip = (%ITripMAX ⁄ 100)
× ITripMAX
(See table 3 for %ITripMAX at each step.)
It is critical that the maximum rating (0.5 V) on the SENSE
pin is not exceeded. For full-step mode, VREF can be applied
up to the maximum rating of VDD, because the peak sense
value is 70% of maximum:
VREF
× (0.707 ⁄ 8)
Functional Description


Similar Part No. - A3980KLPTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3980KLP ALLEGRO-A3980KLP Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
More results

Similar Description - A3980KLPTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3980 ALLEGRO-A3980 Datasheet
604Kb / 19P
   Automotive DMOS Microstepping Driver with Translator
A3980 ALLEGRO-A3980 Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com