Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H641 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10H641
Description  SINGLE SUPPLY 1:9 PECL-TO-TTL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10H641 Datasheet HTML 1Page - Micrel Semiconductor SY10H641 Datasheet HTML 2Page - Micrel Semiconductor SY10H641 Datasheet HTML 3Page - Micrel Semiconductor SY10H641 Datasheet HTML 4Page - Micrel Semiconductor SY10H641 Datasheet HTML 5Page - Micrel Semiconductor SY10H641 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precision Edge®
SY10H641
SY100H641
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage(1)
3.835
4.120
3.835
4.120
3.835
4.120
V
VE = 5.0V
VIL
Input LOW Voltage(1)
3.190
3.525
3.190
3.525
3.190
3.525
V
VE = 5.0V
VBB
Output Reference Voltage(1)
3.620
3.740
3.620
3.740
3.620
3.740
V
VE = 5.0V
Note:
1. VIH, VIL and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = +5.0V.
10H ECL DC ELECTRICAL CHARACTERISTICS
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage(1)
3.830
4.160
3.870
4.190
3.940
4.280
V
VE = 5.0V
VIL
Input LOW Voltage(1)
3.050
3.520
3.050
3.520
3.050
3.555
V
VE = 5.0V
VBB
Output Reference Voltage(1)
3.620
3.730
3.650
3.750
3.690
3.810
V
VE = 5.0V
Note:
1. VIH, VIL and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = +5.0V.
100H ECL DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPD
Propagation Delay
5.0
6.0
4.8
5.8
5.3
6.3
ns
CL = 50pF
D to Output
tskpp
Part-to-Part Skew(1,4)
1.0
1.0
1.0
ns
CL = 50pF
tskew++
Within-Device Skew(2,4)
0.5
0.5
0.5
ns
CL = 50pF
tskew– –
Within-Device Skew(3,4)
0.5
0.5
0.5
ns
CL = 50pF
tPLH
Propagation Delay
4.9
6.9
4.9
6.9
5.0
7.0
ns
CL = 50pF
tPHL
LEN to Output
tPLH
Propagation Delay
5.0
7.0
4.9
6.9
5.0
7.0
ns
CL = 50pF
tPHL
EN to Output
tr
Output Rise/Fall Time
1.7
1.7
1.7
ns
CL = 50pF
tf
0.8V to 2.0V
1.6
1.6
1.6
fMAX
Maximum Input Frequency(5,6)
135
135
135
MHz
CL = 50pF
Pulse Width
1.5
1.5
1.5
ns
Recovery Time
1.25
1.25
1.25
ns
tS
Set-up Time
0.5 (typ.)
0.5 (typ.)
0.5 (typ.)
ns
tH
Hold Time
0.5 (typ.)
0.5 (typ.)
0.5 (typ.)
ns
Notes:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common
power supply voltage.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common
power supply voltage.
3. Within-Device Skew considering LOW-to-LOW transitions at common
power supply voltage.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum
frequency. Actual operational maximum frequency may be greater.


Similar Part No. - SY10H641

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641AJC MICREL-SY10H641AJC Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641AJCTR MICREL-SY10H641AJCTR Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641JC MICREL-SY10H641JC Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
More results

Similar Description - SY10H641

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com