Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT28LKITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EPT28LKITR
Description  3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT28LKITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EPT28LKITR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 6Page - Micrel Semiconductor SY100EPT28LKITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ECL Pro™
SY10EPT28L
SY100EPT28L
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EPT28LZI
Z8-1
Industrial
HEP28
Sn-Pb
SY10EPT28LZITR(2)
Z8-1
Industrial
HEP28
Sn-Pb
SY100EPT28LZI
Z8-1
Industrial
XEP28
Sn-Pb
SY100EPT28LZITR(2)
Z8-1
Industrial
XEP28
Sn-Pb
SY10EPT28LKI
K8-1
Industrial
HP28
Sn-Pb
SY10EPT28LKITR(2)
K8-1
Industrial
HP28
Sn-Pb
SY100EPT28LKI
K8-1
Industrial
XP28
Sn-Pb
SY100EPT28LKITR(2)
K8-1
Industrial
XP28
Sn-Pb
SY10EPT28LZG(3)
Z8-1
Industrial
HEP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY10EPT28LZGTR(2, 3)
Z8-1
Industrial
HEP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY100EPT28LZG(3)
Z8-1
Industrial
XEP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY100EPT28LZGTR(2, 3)
Z8-1
Industrial
XEP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY10EPT28LKG(3)
K8-1
Industrial
HP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY10EPT28LKGTR(2, 3)
K8-1
Industrial
HP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY100EPT28LKG(3)
K8-1
Industrial
XP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY100EPT28LKGTR(2, 3)
K8-1
Industrial
XP28 with
NiPdAu
Pb-Free bar-line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
1
D_LVPECL
/D_LVPECL
Q_LVPECL
/Q-LVPECL
8
VCC
Q_LVTTL
D_LVTTL
GND
7
6
5
2
3
4
LVPECL
LVTTL
TOP VIEW
(Available in MSOP
or SOIC package)


Similar Part No. - SY100EPT28LKITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT20V MICREL-SY100EPT20V Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKC MICREL-SY100EPT20VKC Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VKCTR MICREL-SY100EPT20VKCTR Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT28LKITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
   3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com