Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT-1250B2Q2R Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # OPT-1250B2Q2R
Description  RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-1250B2Q2R Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  OPT-1250B2Q2R Datasheet HTML 1Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 2Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 3Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 4Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 5Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 6Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 7Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 8Page - Delta Electronics, Inc. OPT-1250B2Q2R Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OPT-1250xxxx Series
DELTA ELECTRONICS, INC.
2
Sep., 2006
Rev. 0G
www.deltaww.com
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Storage Temperature
Ts
-40
85
ºC
Lead Soldering Temperature
TSOLD
260
ºC
Lead Soldering Time
tSOLD
10
sec.
Supply Voltage
VCC
0
6
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Ambient Operating Temperature
TA
0
70
ºC
1
Supply Voltage
OPT-1250x1xx
OPT-1250x2xx, OPT-1250x4xx
VCC
4.75
3.135
5.25
3.465
V
Note: See ordering information for detail
Electrical Characteristics
(At recommended ambient operating temperature, TA and supply voltage, VCC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Total Supply Current
ICCT
300
mA
Transmitter
Transmitter Data Input Voltage-Low
VIL-VCC
-1.810
-1.475
V
1
Transmitter Data Input Voltage-High
VIH-VCC
-1.165
-0.880
V
1
Transmitter Differential Input Voltage
VDT
0.3
1.6
V
2
Receiver
Data Output Voltage-Low
VOL-VCC
-1.95
-1.62
V
1
Data Output Voltage-High
VOH-VCC
-1.045
-0.74
V
1
Receiver Differential Output Voltage
VDR
0.5
0.7
1.2
V
2
Output Data Rise/Fall Time
tr/tf
0.4
ns
3
PECL SD Output
LOW level output voltage
HIGH level output voltage
VSDH-VCC
VSDL-VCC
-1.84
-1.1
-1.60
-0.9
V
4
TTL SD Output
LOW level output voltage
HIGH level output voltage
VSDH
VSDL
2
0
VCC
0.8
V
5
Notes:
1.
For OPT-1250A1F1x, OPT-1250A4F1x, OPT-1250B2I1x, OPT-1250B2Q1x and
OPT-1250B1Q1x.
2.
For OPT-1250A2F2x and OPT-1250B4Q2x.
3.
These are 20%~80% values
4.
For OPT-1250A1F1x, OPT-1250A2F2x, OPT-1250B2I1x, OPT-1250B1Q1x and OPT-1250B2Q1x
5.
For OPT-1250A4F1x and OPT-1250B4Q2x


Similar Part No. - OPT-1250B2Q2R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155A1H1 DELTA-OPT-155A1H1 Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A1H1A ETC-OPT-155A1H1A Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
OPT-155A1H1A DELTA-OPT-155A1H1A Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AH DELTA-OPT-155A1H1AH Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AT DELTA-OPT-155A1H1AT Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-1250B2Q2R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Finisar Corporation.
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com