Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H646LJC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H646LJC
Description  3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H646LJC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H646LJC Datasheet HTML 1Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 2Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 3Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 4Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 5Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 6Page - Micrel Semiconductor SY10H646LJC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Precision Edge®
SY10H646L
SY100H646L
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
OVT = IVT = VCCE = 3.0V to 3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
ICCL
Power Supply Current
120
120
120
mA
Total all OVT,
ICCH
120
120
120
IVT, and VCCE pins
TTL DC ELECTRICAL CHARACTERISTICS
OVT = IVT = VCCE = 3.0V to 3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIH
Input HIGH Current
20
20
20
µAVIN = 2.7 V
100
100
100
VIN = VCC
IIL
Input LOW Current
—–0.4
—–0.4
—–0.4
mA
VIN = 0.5 V
VOH
Output HIGH Voltage
2.0
2.0
2.0
VIOH = –3.0 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
VIK
Input Clamp Voltage
—–1.2
—–1.2
—–1.2
V
IIN = –18mA
IOS
Output Short Circuit Current
–100
—–100
—–100
mA
VOH = 0V
TRUTH TABLE
TCLK
ECLK
ECLK
EN
Q
GND
L
H
H
L
GND
H
L
H
H
H
GND
GND
H
H
L
GND
GND
H
L
XX
X
L
Z
Note:
X = Don't Care
L = Low Voltage Level
H = High Voltage Level
Z = Three-State
Symbol
Rating
Value
Unit
VE (ECL)
Power Supply
–0.5 to +7.0
V
VT (TTL)
Voltage
–0.5 to +7.0
VI (ECL)
Input Voltage
0.0 to VEE
V
VI (TTL)
–0.5 to VCC
VOUT (TTL)
Disabled 3-State
0.0 to VCCT
V
Output
IOUT (ECL)
Output Current
mA
- Continuous
50
- Surge
100
TLEAD
Lead Temperature
+260
˚C
Range (soldering, 20sec)
Tstore
Storage Temperature
–65 to +150
˚C
TA
Operating Temperature
0 to +85
˚C
Note:
1. Do not exceed.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY10H646LJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646LJC MICREL-SY10H646LJC Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646LJCTR MICREL-SY10H646LJCTR Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results

Similar Description - SY10H646LJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com