Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24SA05010PRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S24SA05010PRFA
Description  Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SA05010PRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S24SA05010PRFA Datasheet HTML 1Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 2Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 3Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 4Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SA05010PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS_S24SA1R212_05102006
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=200 LFM, Vin=24Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
S24SA1R212NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
-0.3
50
Vdc
Operating Temperature
Please refer to Fig. 18 For measuring point
-40
110
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
24
36
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
17
18
V
Turn-Off Voltage Threshold
13
15
V
Lockout Hysteresis Voltage
1
2
3
V
Maximum Input Current
100% Load, 18Vin
2.2
A
No-Load Input Current
40
mA
Off Converter Input Current
7
mA
Inrush Current(I
2t)
0.01
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
5
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=24V, Io=50%Io.max, Ta=25℃
1.17
1.20
1.23
V
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±2
±10
mV
Over Line
Vin=18V to36V
±2
±5
mV
Over Temperature
Ta=-40℃ to 85℃
100
300
ppm/℃
Total Output Voltage Range
Over sample load, line and temperature
1.15
1.25
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
20
50
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
5
15
mV
Operating Output Current Range
0
12
A
Output DC Current-Limit Inception
Output Voltage 10% Low
13.2
18
A
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
24V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io,max to 75% Io,max
30
75
mV
Negative Step Change in Output Current
75% Io,max to 50% Io.max
30
75
mV
Settling Time to 1% of Final value
200
µs
Turn-On Transient
Start-Up Time, From On/Off Control
12
ms
Start-Up Time, From Input
12
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
2200
µF
EFFICIENCY
100% Load
85.5
%
ISOLATION CHARACTERISTICS
Isolation Voltage
2250
V
Isolation Resistance
10
MΩ
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
330
kHz
ON/OFF Control, (Logic Low-Module ON)
Logic Low
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Trim Pin & +Vo or –Vo, Pout≦max rated
-10
+10
%
Output Over-Voltage Protection(Hiccup)
Over full temp range; % of nominal Vout
115
160
%
GENERAL SPECIFICATIONS
Calculated MTBF
Io=80% of Io, max; Ta=25°C, Airflow=200LFM
6.2
Mhours
Weight
18
grams
Over-Temperature Shutdown
Please refer to Fig.18 For measuring point
115
°C
2


Similar Part No. - S24SA05010PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SA05010PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com