Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100H842LZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100H842LZCTR
Description  3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100H842LZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100H842LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100H842LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100H842LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100H842LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100H842LZCTR Datasheet HTML 5Page - Micrel Semiconductor SY100H842LZCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Precision Edge®
SY10H842L
SY100H842L
Micrel, Inc.
M9999-102606
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
GT
TTL Ground (0V)
VT
TTL VCC (+3.3V)
VE
ECL VCC (+3.3V)
GE
ECL Ground (0V)
D, D
Signal Input (PECL)
VBB
VBB Reference Output (PECL)
Q0 - Q3
Signal Outputs (TTL)
EN
Enable Input (PECL)
DESCRIPTION
FEATURES
Precision Edge®
SY10H842L
SY100H842L
■ 3.3V power supply
■ Translates positive ECL-to-TTL (PECL-to-TTL)
■ 300ps pin-to-pin skew
■ 500ps part-to-part skew
■ Differential internal design for increased noise
immunity and stable threshold inputs
■ VBB reference output
■ Single supply
■ Enable input
■ Extra TTL and ECL power/ground pins to reduce
cross-talk/noise
■ High drive capability: 24mA each output
■ Fully compatible with industry standard 10K, 100K
I/O levels
■ Available in 16-pin SOIC package
The SY10/100H842L are single supply, low skew
translating 1:4 clock drivers.
The devices feature a 24mA TTL output stage, with
AC performance specified into a 20pF load capacitance.
A HIGH on the enable pin (EN) forces all outputs LOW.
As frequencies increase to 40MHz and above, precise
timing and shaping of clock signals becomes extremely
important. The H842 solves several clock distribution
problems such as minimizing skew 300ps), maximizing
clock fanout (24mA drive), and precise duty cycle control
through a proprietary differential internal design.
The 10K version is compatible with 10KH ECL logic
levels. The 100K version is compatible with 100K levels.
3.3V SINGLE SUPPLY QUAD
PECL-TO-TTL OUTPUT ENABLE
PIN NAMES
BLOCK DIAGRAM
D
D
Q0
Q1
Q2
Q3
VBB
EN
ECL Input
TTL Outputs
Rev.: F
Amendment: /0
Issue Date:
October 2006
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100H842LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100H842LZCTR MICREL-SY100H842LZCTR Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY100H842LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com