Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1151IKS-1.0-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT1151IKS-1.0-T1
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151IKS-1.0-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1151IKS-1.0-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT1151
850kHz 700mA Synchronous
Buck DC/DC Converter
1151.2007.01.1.6
3
Absolute Maximum Ratings1
Thermal Characteristics3
Recommended Operating Conditions
Symbol
Description
Value
Units
T
Ambient Temperature Range
-40 to 85
°C
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
MSOP-8
150
°C/W
QFN33-16
50
PD
Maximum Power Dissipation (TA = 25°C)4
MSOP-8
667
mW
QFN33-16
2.0
W
Symbol
Description
Value
Units
VCC, VP
VCC, VP to GND
6
V
VLX
LX to GND
-0.3 to VP + 0.3
V
VFB
FB to GND
-0.3 to VCC + 0.3
V
VEN
EN to GND
-0.3 to 6
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
VESD
ESD Rating2 - HBM
3000
V
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on a demo board.
4. Derate 6.7mW/°C above 25°C.
5. Derate 20mW/°C above 25°C.


Similar Part No. - AAT1151IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com