Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1154IAS-1.8-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1154IAS-1.8-T1
Description  1MHz 3A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154IAS-1.8-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1154IAS-1.8-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1154IAS-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Characteristics
Enable Threshold vs. Input Voltage
0.6
0.7
0.8
0.9
1
1.1
1.2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
EN(H)
EN(L)
Oscillator Frequency Variation vs. Temperature
(VIN = 5V)
-4
-3
-2
-1
0
1
-20
0
20
40
60
80
100
Temperature (
°C)
R
DS(ON) vs. VIN
(IDS = 1A)
40
45
50
55
60
65
70
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Oscillator Frequency Variation vs.
Supply Voltage
-0.5
-0.25
0
0.25
0.5
3.54
4.55
5.5
Input Voltage (V)
R
DS(ON) vs. Temperature
40
50
60
70
80
90
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
VIN = 5.5V
Efficiency vs. Load Current
(VIN = 5V; VOUT = 3.3V)
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
Output Current (A)
AAT1154
1MHz 3A Step-Down DC/DC Converter
1154.2006.09.1.6
5


Similar Part No. - AAT1154IAS-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154IAS-1.8-T1 ANALOGICTECH-AAT1154IAS-1.8-T1 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
AAT1154IAS-1.8-T1 ANALOGICTECH-AAT1154IAS-1.8-T1 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1154IAS-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com