Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1171 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1171
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1171 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1171 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Typical Characteristics
Heavy Load Switching Waveform
(VIN = 3.6V; VOUT = 1.8V; RL = 3
Ω; C
OUT = 4.7µF; L = 2.2µH)
Time (200ns/div)
VOUT
(AC coupled)
20mV/div
IL
200mA/div
VLX
2V/div
0
0
Output Voltage vs. DAC Voltage
(VIN = 4.2V; LL Mode)
DAC Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25°C
85°C
-40°C
Switching Frequency vs. Temperature
(VIN = 3.6V; VOUT = 1.8V; RL = 10)
Temperature (
°°C)
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
LL
PWM
Bypass R
DS(ON) vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
TJ = 25°C
TJ = 85°C
TJ = 120°C
P-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.5
4.9
5.5
2.9
3.3
3.7
4.1 4.3
4.7
5.1 5.3
0
50
100
150
200
250
300
350
400
TJ = 120°C
TJ = 85°C
TJ = 25°C
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
1171.2006.06.1.0
9


Similar Part No. - AAT1171

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1171 SKYWORKS-AAT1171 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
AAT1171IUP-1-T1 SKYWORKS-AAT1171IUP-1-T1 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
AAT1171IWP-1-T1 SKYWORKS-AAT1171IWP-1-T1 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
AAT1171IWP-4-T1 SKYWORKS-AAT1171IWP-4-T1 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
AAT1171IWP-5-T1 SKYWORKS-AAT1171IWP-5-T1 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
More results

Similar Description - AAT1171

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1171 SKYWORKS-AAT1171 Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com