Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1231ITP-1-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1231ITP-1-T1
Description  Step-Up DC/DC Converters for White LED Backlight Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1231ITP-1-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1231ITP-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1231ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Pin Descriptions
Pin Configuration
TSOPJW-12
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
PVIN
EN/SET
SEL
VIN
N/C
SW
LIN
OVP
FB
AGND
PGND
SW
Pin #
Symbol
Function
1
PVIN
Input power pin; connected to the source of the P-channel MOSFET. Connect to the
input capacitor(s).
2
EN/SET
IC enable pin and S2Cwire input control to set output current.
3
SEL
FB voltage range select.
For the AAT1231, a logic LOW sets the FB voltage range from 0.1V to 0.4V; a logic
HIGH sets the FB voltage range from 0.3V to 0.6V.
For the AAT1231-1, a logic LOW sets the FB voltage range from 0.4V to 0.1V; a logic
HIGH sets the FB voltage range from 0.6V to 0.3V.
4
VIN
Input voltage for the converter. Connect directly to the PVIN pin.
5
N/C
No connection.
6, 7
SW
Boost converter switching node. Connect the power inductor between this pin and LIN.
8
PGND
Power ground for the boost converter.
9
AGND
Ground pin.
10
FB
Feedback pin. Connect a resistor to ground to set the maximum LED current.
11
OVP
Feedback pin for over-voltage protection sense.
12
LIN
Switched power input. Connect the power inductor between this pin and SW.
AAT1231/1231-1
Step-Up DC/DC Converters for
White LED Backlight Applications
2
1231.2007.01.1.2


Similar Part No. - AAT1231ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1231ITP-1-T1 ANALOGICTECH-AAT1231ITP-1-T1 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
More results

Similar Description - AAT1231ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
RICOH electronics devic...
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
Texas Instruments
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
logo
Texas Instruments
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com