Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1230IRN-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT1230IRN-T1
Description  18V 100mA Step-Up Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1230IRN-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT1230IRN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1230IRN-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AAT1230/1230-1
18V 100mA Step-Up Converter
1230.2006.10.1.4
11
The average diode current is equal to the output
current.
The average output current multiplied by the for-
ward diode voltage determines the loss of the out-
put diode.
Diode junction temperature can be estimated.
Output diode junction temperature should be
maintained below 110ºC, but may vary depending
on application and/or system guidelines.
The
diode
θJA can be minimized with additional PCB
area on the cathode. PCB heatsinking the anode
may degrade EMI performance.
The reverse leakage current of the rectifier must be
considered to maintain low quiescent (input) cur-
rent and high efficiency under light load. The recti-
fier reverse current increases dramatically at high
temperatures.
Selecting the Boost Inductor
The AAT1230/1230-1 controller utilizes hysteretic
control and the switching frequency varies with
output load and input voltage. The value of the
inductor determines the maximum switching fre-
quency of the AAT1230/1230-1 boost converter.
Increased output inductance decreases the switch-
ing frequency, resulting in higher peak currents and
increased output voltage ripple. To maintain 2MHz
maximum switching frequency and stable opera-
tion, an output inductor sized from 1.5µH to 2.7µH
is recommended.
A better estimate of DMAX is possible when VF is
known.
Where VF is the Schottky diode forward voltage. If
not known, it can be estimated at 0.5V.
Manufacturer’s specifications list both the inductor
DC current rating, which is a thermal limitation, and
peak inductor current rating, which is determined
by the saturation characteristics. Measurements at
full load and high ambient temperature should be
completed to ensure that the inductor does not sat-
urate or exhibit excessive temperature rise.
The output inductor (L) is selected to avoid satura-
tion at minimum input voltage, maximum output load
conditions. Peak current may be estimated using
the following equation, assuming continuous con-
duction mode. Worst-case peak current occurs at
minimum input voltage (maximum duty cycle) and
maximum load. Switching frequency can be estimat-
ed from the curves and assumes a 2.2µH inductor.
Output Current (mA)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
40
50
60
70
80
90
100
VIN = 2.7V
VOUT = 15V
VIN = 2.7V
VOUT = 18V
VIN = 3.0V
VOUT = 15V
VIN = 3.0V
VOUT = 18V
VIN = 3.6V
VOUT = 15V
VIN = 3.6V
VOUT = 18V
(VOUT + VF - VIN(MIN))
(VOUT + VF)
DMAX =
TJ(DIODE) = TAMB + ΘJA · PLOSS(DIODE)
PLOSS(DIODE) = IAVG(TOT) · VF
= IOUT · VF
IAVG(TOT) = IOUT
Forward Voltage (V)
10
100
1000
10000
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
B340LA
MBR0530
ZHCS350
BAT42W


Similar Part No. - AAT1230IRN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230IRN-T1 ANALOGICTECH-AAT1230IRN-T1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230IRN-T1 SKYWORKS-AAT1230IRN-T1 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
More results

Similar Description - AAT1230IRN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230 ANALOGICTECH-AAT1230_07 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232 Datasheet
442Kb / 17P
   24V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232_07 Datasheet
370Kb / 18P
   24V 100mA Step-Up Converter
logo
SiGe Semiconductor, Inc...
AATIAN35 SIGE-AATIAN35 Datasheet
362Kb / 6P
   18V/10V 100mA Boost Converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com