Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD142 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZD142
Description  ZenBlockTM; zener with integrated blocking diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD142 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZD142 Datasheet HTML 1Page - NXP Semiconductors BZD142 Datasheet HTML 2Page - NXP Semiconductors BZD142 Datasheet HTML 3Page - NXP Semiconductors BZD142 Datasheet HTML 4Page - NXP Semiconductors BZD142 Datasheet HTML 5Page - NXP Semiconductors BZD142 Datasheet HTML 6Page - NXP Semiconductors BZD142 Datasheet HTML 7Page - NXP Semiconductors BZD142 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Dec 19
2
Philips Semiconductors
Preliminary specification
ZenBlockTM; zener with integrated blocking diode
BZD142
FEATURES
• Zener and blocking function in one package
• Glass passivated
• Low leakage current
• Excellent stability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package through ImplotecTM(1)
technology. This package is hermetically sealed and
fatigue free as coefficients of expansion of all used parts
are matched.
(1) Implotec is a trademark of Philips.
MGU216
Fig.1 Simplified outline (SOD81) and symbol.
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Zener
Ptot
total power dissipation
Ttp =25 °C; lead length 10 mm;
see Fig.5
2.1
W
Blocking diode
VR
continuous reverse voltage
600
V
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj(max) prior to
surge; inductive load switched off
10
mJ


Similar Part No. - BZD142

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD142W PHILIPS-BZD142W Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142W-100 PHILIPS-BZD142W-100 Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142W-160 PHILIPS-BZD142W-160 Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142W-180 PHILIPS-BZD142W-180 Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142W-200 PHILIPS-BZD142W-200 Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
More results

Similar Description - BZD142

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD142W PHILIPS-BZD142W Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZG142 PHILIPS-BZG142 Datasheet
61Kb / 8P
   SMA ZenBlock; zener with integrated blocking diode
2001 Aug 20
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYM63 PHILIPS-BYM63 Datasheet
82Kb / 7P
   Ripple blocking diode
1996 Jun 10
BYQ63 PHILIPS-BYQ63 Datasheet
91Kb / 8P
   Ripple blocking diode
1998 Dec 04
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
Microsemi Corporation
TD3165 MICROSEMI-TD3165 Datasheet
54Kb / 1P
   Solar Array Blocking Diode
logo
ABB
5SHZ08F6000 ABB-5SHZ08F6000 Datasheet
306Kb / 8P
   Reverse Blocking Integrated Gate-Commutated Thyristor
logo
ON Semiconductor
NSM6056MT1G ONSEMI-NSM6056MT1G Datasheet
108Kb / 5P
   NPN Transistor with Zener Diode
March, 2011 ??Rev. 0
logo
Cystech Electonics Corp...
HBNZ6056N6 CYSTEKEC-HBNZ6056N6 Datasheet
443Kb / 9P
   NPN Transistor with Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com