Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2506IWP-AW-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2506IWP-AW-T1
Description  1MHz Step-Down Converter/LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2506IWP-AW-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2506IWP-AW-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2506IWP-AW-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C, VIN = VLDO = VCC = VP.
LDO Self Noise
(EN = GND; ENLDO = VIN)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
Band Power:
300Hz to 50kHz = 44.6μVrms
100Hz to 100kHz = 56.3μVrms
LDO Load Transient Response 300mA
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
10
μμs/div
-100
0
100
200
300
400
500
600
700
800
VOUT
IOUT
LDO Load Transient Response
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.60
2.65
2.70
2.75
2.80
2.85
2.90
100
μS/div
-100
0
100
200
300
400
500
VOUT
IOUT
LDO Line Transient Response
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.98
2.99
3.00
3.01
3.02
3.03
3.04
100
μs/div
0
1
2
3
4
5
6
VIN
VOUT
LDO Turn-On Time From Enable (VIN present)
(CBYP = 10nF; EN = GND; ENLDO = VIN)
5
μμs/div
VIN = 4V
VOUT = 1V/div
VENLDO = 5V/div
LDO Turn-Off Response Time
(CBYP = 10nF; EN = GND; ENLDO = VIN)
50
μs/div
VENLDO (5V/div)
VOUT (1V/div)
AAT2506
1MHz Step-Down Converter/LDO Regulator
2506.2006.05.1.3
7


Similar Part No. - AAT2506IWP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506IWP-AW-T1 ANALOGICTECH-AAT2506IWP-AW-T1 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506IWP-AW-T1 SKYWORKS-AAT2506IWP-AW-T1 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
More results

Similar Description - AAT2506IWP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506 Datasheet
558Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
logo
Advanced Analogic Techn...
AAT2500 ANALOGICTECH-AAT2500 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com