Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2510IWP-AW-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT2510IWP-AW-T1
Description  Dual 400mA, 1MHz Step-Down DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2510IWP-AW-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT2510IWP-AW-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2510IWP-AW-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AAT2510
Dual 400mA, 1MHz Step-Down DC-DC Converter
8
2510.2006.05.1.10
Functional Block Diagram
Note: Internal resistor divider included for
≥1.2V versions. For low voltage versions, the feedback pin is tied directly to the error amplifier input.
EN1
LX1
Err.
Amp.
DH
DL
GND1
VIN1
FB1
SGND2
Voltage
Reference
Control
Logic
EN2
LX2
Err.
Amp.
DH
DL
GND2
Comp.
Logic
Logic
Control
Logic
VIN2
FB2
SGND1
Voltage
Reference
Comp.
See
Note
See
Note
Operation
Device Summary
The AAT2510 is a constant frequency peak current
mode PWM converter with internal compensation.
Each channel has independent input, enable, feed-
back, and ground pins with non-synchronized
1MHz clocks.
Both converters are designed to operate with an
input voltage range of 2.7V to 5.5V. The output
voltage ranges from 0.6V to the input voltage for
the internally fixed version and up to 2.5V for the
externally adjustable version. The 0.6V fixed model
shown in Figure 1 is also the adjustable version
and is externally programmable with a resistive
divider as shown in Figure 2. The converter MOS-
FET power stage is sized for 400mA load capabili-
ty with up to 96% efficiency. Light load efficiency
exceeds 80% at a 500µA load.


Similar Part No. - AAT2510IWP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510IWP-AW-T1 ANALOGICTECH-AAT2510IWP-AW-T1 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510IWP-AW-T1 SKYWORKS-AAT2510IWP-AW-T1 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
More results

Similar Description - AAT2510IWP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com