Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2554 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT2554
Description  Total Power Solution for Portable Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2554 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT2554 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AAT2554
Total Power Solution for Portable Applications
10
2554.2007.01.1.2
Typical Characteristics – Battery Charger
Constant Charging Current vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
190
193
195
198
200
203
205
208
210
-50
-25
0
25
50
75
100
Constant Charging Current vs.
Supply Voltage
(RSET = 8.06k
Ω
Ω)
VADP (V)
170
180
190
200
210
220
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
VBAT = 3.6V
VBAT = 4V
VBAT = 3.3V
End of Charge Voltage Regulation
vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
4.17
4.18
4.19
4.20
4.21
4.22
4.23
-50
-25
0
25
50
75
100
End of Charge Battery Voltage
vs. Supply Voltage
VADP (V)
4.194
4.196
4.198
4.200
4.202
4.204
4.206
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
RSET = 8.06kΩ
RSET = 31.6kΩ
Charging Current vs. Battery Voltage
(VADP = 5V)
VBAT (V)
0
100
200
300
400
500
600
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
RSET = 8.06kΩ
RSET = 5.36kΩ
RSET = 3.24kΩ
RSET = 16.2kΩ
RSET = 31.6kΩ
RSET (k
Ω
Ω)
Constant Charging Current
vs. Set Resistor Values
1
10
100
1000
1
10
100
1000


Similar Part No. - AAT2554

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2554IRN-CAP-T1 SKYWORKS-AAT2554IRN-CAP-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2554IRN-CAT-T1 SKYWORKS-AAT2554IRN-CAT-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2554IRN-CAW-T1 SKYWORKS-AAT2554IRN-CAW-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2554

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com