Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2556 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT2556
Description  Battery Charger and Step-Down Converter for Portable Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2556 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT2556 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Typical Characteristics – Battery Charger
Sleep Mode Current vs. Supply Voltage
(RSET = 8.06k
Ω
Ω)
VADP (V)
0
100
200
300
400
500
600
700
800
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
85°C
25°C
-40°C
Recharging Threshold Voltage
vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
4.02
4.04
4.06
4.08
4.10
4.12
4.14
4.16
4.18
-50
-25
0
25
50
75
100
Preconditioning Charge Current
vs. Supply Voltage
VADP (V)
0
10
20
30
40
50
60
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
6
6.2 6.4
RSET = 8.06kΩ
RSET = 5.36kΩ
RSET = 3.24kΩ
RSET = 16.2kΩ
RSET = 31.6kΩ
Preconditioning Charge Current
vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
-50
-25
0
25
50
75
100
Preconditioning Threshold Voltage
vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
2.97
2.98
2.99
3
3.01
3.02
3.03
-50
-25
0
25
50
75
100
Operating Current vs. Temperature
(RSET = 8.06k
Ω
Ω)
Temperature (
°C)
300
350
400
450
500
550
-50
-25
0
25
50
75
100
AAT2556
Battery Charger and Step-Down
Converter for Portable Applications
10
2556.2006.09.1.2


Similar Part No. - AAT2556

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556IWP-CA-T1 ANALOGICTECH-AAT2556IWP-CA-T1 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556IWP-CA-T1 SKYWORKS-AAT2556IWP-CA-T1 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
More results

Similar Description - AAT2556

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com