Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2554IRN-CAQ-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2554IRN-CAQ-T1
Description  Total Power Solution for Portable Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2554IRN-CAQ-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2554IRN-CAQ-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2554IRN-CAQ-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Typical Characteristics – Step-Down Converter
Line Regulation
(VOUT = 1.8V)
Input Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 250mA
IOUT = 10mA
IOUT = 0mA
IOUT = 50mA
IOUT = 150mA
Soft Start
(VIN = 3.6V; VOUT = 1.8V;
IOUT = 250mA; CFF = 100pF)
Time (100µs/div)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-0.2
-0.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
VO
IL
DC Load Regulation
(VOUT = 1.2V; L = 1.5µH)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 5.0V
VIN = 5.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
Efficiency vs. Load
(VOUT = 1.2V; L = 1.5µH)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
VIN = 4.2V
VIN = 5.0V
DC Load Regulation
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 4.2V
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
VIN = 5.0V
Efficiency vs. Load
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 2.7V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
AAT2554
Total Power Solution for Portable Applications
2554.2007.01.1.2
7


Similar Part No. - AAT2554IRN-CAQ-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2554IRN-CAP-T1 SKYWORKS-AAT2554IRN-CAP-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2554IRN-CAT-T1 SKYWORKS-AAT2554IRN-CAT-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2554IRN-CAW-T1 SKYWORKS-AAT2554IRN-CAW-T1 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2554IRN-CAQ-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com