Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3120ITP-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3120ITP-T1
Description  3-Channel Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3120ITP-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3120ITP-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AAT3120
3-Channel Charge Pump
For White LED Applications
3120.2005.11.1.1
1
ChargePump
General Description
The AAT3120 is a low noise, constant frequency
charge pump DC/DC converter that uses fractional
(1.5X) conversion to improve efficiency for white
LED applications. The device can be used to pro-
duce eight current levels up to 20mA per channel
for up to three channels. 1X load switch mode is
also built-in to improve efficiency at low current set-
tings. Low external parts count (two 1µF flying
capacitors and two small 1µF capacitors at V
IN and
OUT) makes the AAT3120 ideally suited for small
battery-powered applications.
AnalogicTech's S
2Cwire™ (Simple Serial Control™)
serial digital input is used to enable, disable, and
set current for each LED at eight different levels.
The AAT3120 has a thermal management system
to protect the device in the event of a short-circuit
condition at the output pin. Built-in soft-start circuit-
ry prevents excessive inrush current during start-
up.
A high charge pump switching frequency
enables the use of very small external capacitors.
A low current shutdown feature disconnects the
load from V
IN and reduces quiescent current to less
than 1µA. The AAT3120 is available in the very
small Pb-free 12-pin TSOPJW package.
Features
•V
IN Range: 2.7V to 5.5V
Fractional Charge Pump Mode
Drives Low-V
F and High-VF Type LEDs
Up to Three LED Outputs
— Single Wire Programming
— Eight Regulated Current Settings
— Max 20mA per Channel
Low Noise Constant Frequency Operation
No Inductors
1MHz Switching Frequency
Small Application Circuit
Automatic Soft-Start
•I
Q <1µA in Shutdown
12-Pin TSOPJW Package
Applications
Color (RGB) Lighting
Programmable Current Source
White LED Backlighting
White Photo Flash for DSCs
Typical Application
C
IN
1
µF
V
BATTERY
C
OUT
1
µF
EN/SET
C1
1
µF
C2
1
µF
D3
VIN
VOUT
C1+
C1-
C2+
C2-
D1
D2
D3
EN/SET
GND
AAT3120
D2
D1


Similar Part No. - AAT3120ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122ITP-T1 ANALOGICTECH-AAT3122ITP-T1 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122ITP-T1 AAT-AAT3122ITP-T1 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3120ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com