Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3120ITP-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3120ITP-T1
Description  3-Channel Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3120ITP-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3120ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3120ITP-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3120
3-Channel Charge Pump
For White LED Applications
3120.2005.11.1.1
11
ESR is an important characteristic to consider when
selecting a capacitor. ESR is a resistance internal
to a capacitor, which is caused by the leads, inter-
nal connections, size or area, material composition,
and ambient temperature. Capacitor ESR is typi-
cally measured in milliohms for ceramic capacitors
and can range to more than several ohms for tan-
talum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1µF are typically
made from NPO or C0G materials. NPO and C0G
materials typically have tight tolerance and are sta-
ble over temperature. Large capacitor values are
typically composed of X7R, X5R, Z5U, or Y5V
dielectric materials. Large ceramic capacitors, typ-
ically greater than 2.2µF, are often available in low-
cost Y5V and Z5U dielectrics, but capacitors
greater than 1µF are typically not required for
AAT3120 applications.
Capacitor area is another contributor to ESR.
Capacitors that are physically large will have a lower
ESR when compared to an equivalent material
smaller capacitor. These larger devices can improve
circuit transient response when compared to an
equal value capacitor in a smaller package size.
Thermal Protection
The AAT3120 has a thermal protection circuit that
will shut down the internal LDO and charge pump
if the die temperature rises above the thermal limit,
as is the case during a short circuit of the OUT pin.
Charge Pump Compatibility
The AAT3120 is pin-compatible with the AAT3113
in TSOPJW-12 packages, with no D4 output.
Compared to the AAT3113, the AAT3120 offers an
improved overall efficiency, wider operating range,
and the ability to drive high-V
F type LEDs (up to
4.3V) at full current from a 3V input condition. The
AAT3120 is well suited for battery-powered appli-
cations using single-cell Lithium-Ion (Li-Ion) batter-
ies (4.2V to 2.8V), Lithium Polymer batteries, and
3-series connected dry cells (3.6V).


Similar Part No. - AAT3120ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122ITP-T1 ANALOGICTECH-AAT3122ITP-T1 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122ITP-T1 AAT-AAT3122ITP-T1 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3120ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com