Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3129 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Characteristics
T
OFF vs. VIN
Input Voltage (V)
50
100
150
200
250
300
350
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
-40
°C
+25
°C
+85
°C
T
LAT vs. VIN
Input Voltage (V)
0
50
100
150
200
250
300
350
400
450
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
-40
°C
+25
°C
+85
°C
I
ISRC vs. VF
(VIN = 3.5V)
VF (V)
54
55
56
57
58
59
60
61
62
63
64
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25
°C
+85
°C
-40
°C
I
ISRC vs. VIN
(VF = 3.5V)
VIN (V)
54
55
56
57
58
59
60
61
62
63
64
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
+25
°C
+85
°C
-40
°C
Shutdown Current vs. Temperature
Temperature (
°°C)
0.001
0.01
0.1
1
-40
-20
0
20
40
60
80
100
Oscillator Frequency vs. Temperature
Temperature (
°°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-40
-20
0
20
40
60
80
100
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
3129.2007.01.1.4
7


Similar Part No. - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
More results

Similar Description - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com