Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3151 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3151
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3151 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3151 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
6
3151.2007.03.1.10
Typical Characteristics
Load Characteristics
(VIN = 2.7V; 2X Mode; 15mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.7V; 1.5X Mode; 15mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 2.9V; 2X Mode; 20mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 20mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.2V; 2X Mode; 30mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 4.2V; 1.5X Mode; 30mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)


Similar Part No. - AAT3151

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151 ANALOGICTECH-AAT3151 Datasheet
418Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151BIWP-T1 ANALOGICTECH-AAT3151BIWP-T1 Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151BIWP-T1 ANALOGICTECH-AAT3151BIWP-T1 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
More results

Similar Description - AAT3151

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com