Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S325 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S325
Description  LOW-POWER HEX ECL-to-TTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S325 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S325_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S325_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S325_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S325_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S325_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S325_06 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100S325
Micrel, Inc.
M9999-061306
hbwhelp@micrel.com or (408) 955-1690
LOW-POWER HEX
ECL-to-TTL
TRANSLATOR
DESCRIPTION
FEATURES
■ Max. propagation delay of 3.7ns
■ IEE min. of –37mA
■ TTL outputs
■ Extended supply voltage option:
VEE = –4.2V to –5.5V
■ 25% faster than National's 325
■ Differential inputs with built-in offset
■ Voltage and temperature compensation for improved
noise immunity
■ VBB output for single-ended use
■ Internal 75Kinput pull-down resistors
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC
packages
The SY100S325 are hex translators for converting
100K ECL logic levels to TTL logic levels. Inputs can be
used as inverting, non-inverting or differential receivers.
An internal reference voltage generator provides VBB for
single-ended operation or for use in Schmitt trigger
applications. All inputs have 75KΩ pull-down resistors.
The outputs will go LOW when the inputs are either open
or have the same potential.
When used in single-ended operation, the apparent
input threshold of the true inputs is 20mV to 40mV higher
(positive) than the threshold of the complementary inputs.
The VTTL and VEE power may be applied in either order.
SY100S325
PIN NAMES
Pin
Function
D0–D5
Data Inputs
D0–D5
Inverting Data Inputs
Q0–Q5
Data Outputs
VEES
VEE Substrate
VTTL
TTL VCC Power Supply
VCCA
VCCO for ECL Outputs
Rev.: H
Amendment: /0
Issue Date:
June 2006
BLOCK DIAGRAM
D0
Q0
D0
D1
Q1
D1
D2
Q2
D2
D3
Q3
D3
D4
Q4
D4
D5
Q5
D5
VBB


Similar Part No. - SY100S325_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_07 Datasheet
68Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
More results

Similar Description - SY100S325_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com