Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S325JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S325JC
Description  LOW-POWER HEX ECL-to-TTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S325JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S325JC Datasheet HTML 1Page - Micrel Semiconductor SY100S325JC Datasheet HTML 2Page - Micrel Semiconductor SY100S325JC Datasheet HTML 3Page - Micrel Semiconductor SY100S325JC Datasheet HTML 4Page - Micrel Semiconductor SY100S325JC Datasheet HTML 5Page - Micrel Semiconductor SY100S325JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S325
Micrel, Inc.
M9999-061306
hbwhelp@micrel.com or (408) 955-1690
SWITCHING WAVEFORM
Figure 1. Propagation Delay
tPLH
INPUT
ATTENUATED
OUTPUT
50%
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
20%
80%
50%
–1.69V
tPHL
TEST CIRCUITS
SCOPE
CHAN B
VBB
VTTL
VEE
VCC
0.1µF
OPEN
RT
CL
RT
450Ω
L2
PULSE
GENERATOR
SCOPE
CHAN A
L1
Figure 2. AC Test Circuit for 15pF Loading
Notes:
VCC = 0V, VEE = –4.5V, VTTL = +5V
L1 and L2 = equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1µF from GND to VCC, VEE and VTTL
All unused outputs are loaded with 500Ω to GND
CL = Fixture and stray capacitance = 3pF
Note:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S325JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S325JC MICREL-SY100S325JC Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325JC MICREL-SY100S325JC Datasheet
68Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325JCTR MICREL-SY100S325JCTR Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325JCTR MICREL-SY100S325JCTR Datasheet
68Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
More results

Similar Description - SY100S325JC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com