Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S336JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S336JC
Description  4-STAGE COUNTER/SHIFT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S336JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S336JC Datasheet HTML 1Page - Micrel Semiconductor SY100S336JC Datasheet HTML 2Page - Micrel Semiconductor SY100S336JC Datasheet HTML 3Page - Micrel Semiconductor SY100S336JC Datasheet HTML 4Page - Micrel Semiconductor SY100S336JC Datasheet HTML 5Page - Micrel Semiconductor SY100S336JC Datasheet HTML 6Page - Micrel Semiconductor SY100S336JC Datasheet HTML 7Page - Micrel Semiconductor SY100S336JC Datasheet HTML 8Page - Micrel Semiconductor SY100S336JC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SY100S336
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
CP
Clock Pulse Input
CEP
Count Enable Parallel Input (Active LOW)
D0/CET
Serial Data Input/Count Enable Trickle
Input (Active LOW)
S0 — S2
Select Inputs
MR
Master Reset Input
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
P0 – P3
Preset Inputs
D3
Serial Data Input
TC
Terminal Count Output
Q0 — Q3
Data Outputs
Q0 — Q3
Complementary Data Outputs
PIN NAMES
SY100S336
4-STAGE COUNTER/
SHIFT REGISTER
s Max. shift frequency of 700MHz
s Clock to Q delay max. of 1100ps
s IEE min. of –170mA
s Internal 75K
input pull-down resistors
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s 50% faster than Fairchild 300K at lower power
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
DESCRIPTION
The SY100S336 functions either as a modulo-16 up/
down counter or as a 4-bit bidirectional shift register and is
designed for use in high-performance ECL systems. Three
Select inputs (Sn) are provided for determining the mode of
operation. The Function Table lists the available modes of
operation. In order to allow cascading for multistage
counters, two Count Enable controls (CEP, CET) are
provided. The CET input also functions as the Serial Data
input (S0) for a shift-up operation, while the D3 input serves
as the Serial Data input for the shift-down operation.
When the device is in the counting mode, the Terminal
Count (TC) goes to a logical LOW when the count reaches
15 for count-up or reaches 0 for count-down. When in the
shift mode, the TC output simply repeats the Q3 output.
The flexiblity provided by the TC/Q3 output and the D0/
CET input allows these signals to be interconnected from
one stage to the next higher stage for multistage counting
or shift-up operations. The individual Presets (Pn) allow
initialization of the counter by entering data in parallel to
preset the counter. A logic HIGH on the Master Reset (MR)
overrides all other inputs and asynchronously clears the
flip-flops. An additional synchronous Clear is provided, as
well as a complement function which synchronously inverts
the contents of the flip-flops. All inputs have 75K
Ω pull-
down resistors.
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100S336JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S336JC MICREL-SY100S336JC Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
SY100S336JCTR MICREL-SY100S336JCTR Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
More results

Similar Description - SY100S336JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
100336 FAIRCHILD-100336 Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
logo
National Semiconductor ...
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com