Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3167IFO-T1 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3167IFO-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3167IFO-T1 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3167IFO-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Characteristics
CIN = COUT = C1 = C2 = 1.0µF; TA = 25°C, VIN = 3.6V, unless otherwise noted.
Input Ripple vs. Input Voltage
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
27mA
18mA
14mA
Load Characteristics
(VIN = 3.3V; 2X Mode; 27mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
Load Characteristics
(VIN = 4.2V; 1.5X Mode; 27mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
VIN
(40mV/div)
Load Characteristics
(VIN = 2.9V; 2X Mode; 18mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 18mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
6
3167.2007.03.1.4


Similar Part No. - AAT3167IFO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3167IFO-T1 ANALOGICTECH-AAT3167IFO-T1 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3167IFO-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com