Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3190 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3190
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3190 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3190 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3190 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
Thermal Information
2
Symbol
Description
Value
Units
Θ
JA
Thermal Resistance
MSOP-8
150
°C/W
TSOPJW-12
160
P
D
Maximum Power Dissipation (T
A = 25°C)
MSOP-8
3
667
mW
TSOPJW-12
4
625
Symbol
Description
Value
Units
V
IN
Input Voltage
-0.3 to 6
V
V
EN
EN to GND
-0.3 to 6
V
V
N_CH
DRVN to GND
-0.3V to (V
IN + 0.3V)
V
V
P_CH
DRVP to GND
-0.3V to (V
IN + 0.3V)
V
Other Inputs
REF, FBN, FBP to GND
-0.3V to (V
IN + 0.3V)
V
I
MAX
Continuous Current Into DRVN, DRVP
±200
mA
All Other Pins
±10
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3190
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 6.7mW/°C above 25°C.
4. Derate 6.25mW/°C above 25°C.


Similar Part No. - AAT3190

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190 ANALOGICTECH-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190ITP-1-T1 ANALOGICTECH-AAT3190ITP-1-T1 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com